Part Number Hot Search : 
P2500 IRG4RC10 ACTS374D C206M S17R8 2SA1015 10100 0505X
Product Description
Full Text Search
 

To Download PJ-A3670SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com vcxo series (pecl) pj-a3670 series preliminary description the pj-a3670 series of voltage controlled quartz crystal oscillators provide frequency control by applying a voltage to pin 1. this unit supplies eclips compatible outputs which are enabled when pin 2 is set to a logic high or left open. features ? frequency range?80.0mhz to 162.0mhz ? user specified tolerance available ? will withstand vapor phase temperatures of 253c for 4 minutes maximum ? space-saving alternative to discrete component oscillators ? high shock resistance, to 3000g ? 3.3 volt operation ? metal lid electrically connected to ground to reduce emi ? low jitter - wavecrest jitter characterization available ? high reliability - nel halt/hass qualified for crystal oscillator start-up conditions ? high q crystal actively tuned oscillator circuit ? power supply decoupling internal ? no internal pll avoids cascading pll problems ? high frequencies due to proprietary design ? gold plated leads - solder dipped leads available upon request electrical connection pin connection 1 v co 2 output enable 3 v ee 4 output 5 output complement 6 v cc crystal clock oscillators data sheet 0209b rev. d
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com pj-a3670 series continued vcxo (pecl) operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency ----- ----- 80.0mhz ----- 162.0mhz duty cycle ----- @ v o /2 45/55% ----- 55/45% logic 0 v ol ----- vcc-1.810vdc ----- vcc-1.620vdc logic 1 v oh ----- vcc-1.200vdc ----- vcc-0.880vdc rise & fall time tr,tf 20-80%v o ----- ----- 600 ps jitter, rms (2) ----- ----- ----- 3 psec ----- pullability ----- 0.3 to 3.0v 75ppm ----- ----- vco input impedance ----- 50na dc current max 100k ohm ----- ----- vco linearity ----- ----- ----- ----- 25% frequency stability (1) df/f overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration general characteristics parameter symbol conditions min typical max supply voltage v cc -v ee nominal 3.135v 3.3v 3.465v supply current i cc ----- ----- ----- 80 ma output current i o ----- 0.0 ma ----- 50.0 ma operating temperature t a ------ 0c ----- 70c storage temperature t s ----- -55c ----- 125c power dissipation p d ----- ----- ----- 278 mw lead temperature t l soldering, 10 sec. ----- ----- 300c load 50 ohm to v cc -2v or thevenin equivalent, bias required environmental and mechanical characteristics mechanical shock per mil-std-202, method 213, condition e thermal shock per mil-std-833, method 1011, condition a vibration 0.060" double amplitude 10 hz to 55 hz, 35g?s 55hz to 2000 hz soldering condition 300c for 10 seconds hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec of helium footnotes: 1) standard frequency stability (20,25,50ppm & others available) 2) jitter performance is frequency dependent. please contact factory for full wavecrest characterization. rev. d crystal clock oscillators pj - a 367x - freq package code tolerance/performance pj 6 j lead smd 0 100ppm 0-70c 1 50ppm 0-70c 7 25ppm 0-70c input voltage 9 customer specific code specification a 20ppm 0-70c a 3.3v b 50ppm -40 to +85c 5v c 100ppm -40 to +85c creating a part number data sheet 0209b


▲Up To Search▲   

 
Price & Availability of PJ-A3670SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X